PART |
Description |
Maker |
LTC1657IGN LTC1657IN LTC1657I LTC1657CGN LTC1657 L |
Low-Power Dual LinCMOS<TM> Timer 20-LCCC -55 to 125 PARALLEL, WORD INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, PDIP28 Parallel 16-Bit Rail-to-Rail Micropower DAC PARALLEL, WORD INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, PDSO28 Parallel 16-Bit Rail-to-Rail Micropower DAC PARALLEL, WORD INPUT LOADING, 20 us SETTLING TIME, 16-BIT DAC, PDIP28 Low-Power Dual LinCMOS<TM> Timer 14-CDIP -55 to 125
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
AD5320 AD5320BRM AD5320BRT |
2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 12-Bit DAC in SOT-23 and MicroSOIC Packages 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Output 12-Bit DAC in a SOT-23 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23 SERIAL INPUT LOADING, 12 us SETTLING TIME, 12-BIT DAC, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
MAX5102 MAX5102AEUE MAX5102BEUE |
2.7V to 5.5V / Low-Power / Dual / Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs 2.7V to 5.5V, Low-Power, Dual, Parallel 8-Bit DAC with Rail-to-Rail Voltage Outputs
|
Maixm MAXIM[Maxim Integrated Products]
|
EL8203 EL5427CRZ-T7 EL8403IUZ-T7 EL5127 EL5127_06 |
500MHz Rail-to-Rail Amplifiers(500MHz轨至轨放大器) 2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
|
INTERSIL[Intersil Corporation]
|
LTC1152 LTC1152C LTC1152CN8 LTC1152CS8 LTC1152I LT |
From old datasheet system Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
|
LINER[Linear Technology]
|
LTC1821 LTC2630 LTC2621 LTC2624 LTC1660 LTC2600 LT |
Single 12-/10-/8-Bit Rail-to- Rail DACs Single 12-/10-/8-Bit Rail-to- Rail DACs with 10ppm/C Reference in SC70
|
Linear Technology
|
AD623B AD623BN AD623BR AD623BR-REEL AD623BR-REEL7 |
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 350 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, PDIP8 RECTIFIER SCHOTTKY DUAL 60A 30V 500A-ifsm 0.55V-vf 20mA-ir TO-3P 30/TUBE Single Supply/ Rail-to-Rail/ Low Cost Instrumentation Amplifier Single Supply, Rail-Rail, Low Cost Instrumentation Amplifiers 80-Lead Mixed Signal DSP with 5, 16-bit Sigma-Delta ADCs
|
Analog Devices, Inc. AD[Analog Devices]
|
BUS-65163-B BUS-65153-883B |
Rail-to-rail high output current quad operational amplifier Output rail-to-rail operational amplifiers MIL-STD-1553/ARINC总线控制 RTU通讯
|
Coilcraft, Inc.
|
LTC1669 1669F LTC1669-1CS5 LTC1669CS5 LTC1669IMS8 |
Replaced by TLV5617A : 10-Bit, 2.5 us Dual DAC, Serial Input, Pgrmable Settling Time, Simultaneous Update, Low Power 8-SOIC 0 to 70 10-Bit Rail-to-Rail Micropower DAC with I2C Interface From old datasheet system 10-Bit Rail-to-Rail Micropower DAC with I²C Interface; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C SERIAL INPUT LOADING, 30 us SETTLING TIME, 10-BIT DAC, PDSO5
|
Linear Technology Corporation LINER[Linear Technology] Linear Technology, Corp.
|
DC812A DC812A-15 |
SCH LTC2606CDD 16 BIT RAIL TO RAIL VOUT DAC I2C INTERFACE
|
Linear Technology
|
MAX5258 MAX5258EEE MAX5259EEE |
3V/ 5V / Low-Power / 8-Bit Octal DACs with Rail-to-Rail Output Buffers
|
Maxim
|